PART |
Description |
Maker |
BAS70-07L4 |
SMD Diodes for clamping, rectifying, protection and switching applications
|
Infineon
|
Z10-190 Z10-320 Z10-280 Z10-120 Z10-130 Z10-150 Z1 |
1 Watt ZENER DIODES (110V to 390V) Excellent Clamping Capability
|
First Components International
|
BAT64-07W BAT6407W Q62702-A3470 BAT6407WQ62702A347 |
Silicon Schottky Diodes (For low-loss/ fast-recovery/ meter protection/ bias isolation and clamping applications Integrated diffused guard ring) Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring) 0.12 A, 2 ELEMENT, SILICON, SIGNAL DIODE Ten Output Zero Delay Buffer INVERTER 5V-INPUT 900V-OUTPUT From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
BAS40-04W Q62702-A1065 BAS40W Q62702-A1066 Q62702- |
From old datasheet system Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
TVM0G090M400 TVM2G300M900 TVM0G5R5M900 TVM0G090M14 |
SMD Type For ESD Suppressor (Low Clamping Series) SMD Type For ESD Suppressor (Low Clamping Series)
|
Thinking Electronic Industrial Co.,Ltd Thinking Electronic Ind...
|
SRV05-4MR6 SRV05-4MR6T1G |
Transient Voltage Suppressors ESD Protection Diodes with Low Clamping Voltage
|
ON Semiconductor
|
BZV90-8V2 BZV90 BZV90-C11 BZV90-C16 BZV90-C20 BZV9 |
BZV90 series; Voltage regulator diodes From old datasheet system ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% ZENER DIODE 1.3W SMD 8.2V ZENER DIODE 1.3W SMD 27V SMD/TO-223 1.3W Z-DIODE ZENER DIODE 1.3W SMD 5.6V ZENER DIODE 1.3W SMD 6.2V ZENER DIODE 1.3W SMD 5.1V 3 V supervisor with battery switchover 稳压二极管的1.3W贴片20V
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
HGT1S20N35G3VL HGTP20N35G3VL HGT1S20N35G3VLS HGT1S |
20A/ 350V N-Channel/ Logic Level/ Voltage Clamping IGBTs 20A, 350V N-Channel, Logic Level, Voltage Clamping IGBTs TRANSISTOR | IGBT | N-CHAN | 380V V(BR)CES | 20A I(C) | TO-263AB XC9536-6PC44C - NOT RECOMMENDED for NEW DESIGN
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
CMPZ4615 CMPZ4616 CMPZ4614 CMPZ4617 CMPZ4618 |
350mW LOW NOISE ZENER DIODE 5% TOLERANCE VARISTOR, 1206 18VDC 0.4JVARISTOR, 1206 18VDC 0.4J; Voltage, varistor at 1mA:25.5V; Voltage, clamping max:42V; Voltage, clamping 8/20us max:40V; Energy, transient 10/1000us max:0.4J; Current, peak 8/20us max:150A; Voltage rating,
|
Central Semiconductor Corp.
|
CZRUR52C2-HF CZRUR52C2V2-HF CZRUR52C8V2-HF CZRUR52 |
Halogen Free Zener Diodes, P-D=0.15Watts, V-Z=18V Halogen Free Zener Diodes, P-D=0.15Watts, V-Z=15V Halogen Free Zener Diodes, P-D=0.15Watts, V-Z=12V Halogen Free Zener Diodes, P-D=0.15Watts, V-Z=10V Halogen Free Zener Diodes, P-D=0.15Watts, V-Z=2V SMD Zener Diode Halogen Free Zener Diodes, P-D=0.15Watts, V-Z=6.8V Halogen Free Zener Diodes, P-D=0.15Watts, V-Z=11V Halogen Free Zener Diodes, P-D=0.15Watts, V-Z=13V Halogen Free Zener Diodes, P-D=0.15Watts, V-Z=16V
|
Comchip Technology
|
NZH6V8B NZH4V3B NZH3V3A NZH10C NZH15B NZH20C NZH18 |
Single Zener diodes 4.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
|
NXP Semiconductors N.V.
|
HFA1130MJ_883 HFA1130ML_883 HFA1130883 HFA1130MJ/8 |
Output Clamping850MHz Current Feedback Amplifier OSCILLATOR 14.31818MHZ SMD Output Clamping, 850MHz Current Feedback Amplifier
|
INTERSIL[Intersil Corporation]
|